|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CFM2/CFM3 AM CERAMIC FILTERS Description * Compact 2/3 element AM IF filter with unique structure for high reliability. * Center frequency range: 450 to 470kHz * Bandwidth at 6dB: 4 to 12kHz. (4~8kHz: CFM3) Dimensions Features * Compact, low profile * High selectivity, suited to a wide range of applications * Low temperature coefficient * Low spurious response * Lead-free terminations Unit: mm Applications * AM radio cassettes, stereo sets, telecommunications * Wireless data communication equipment Test Circuit Test Conditions 1. C includes test circuit capacitance. (50pF without L2, 62pF with L2) 2. * L1 2.7mH (CFM2), 1.35mH (CHM3) * L 1.0mH 2 3. During testing, when matching coils are used at input/output sides, connect L1 and L2 (dummy) 4. R1, R2: Input-output impedance Cs: Stray capacitance (less than 50pF, including EV) STANDARD FILTERS SELECTION GUIDE TYPE CFM2/CFM3 (CERASIZER(R)) TOKO Center Part Frequency (Fo)* Number (kHz) CFM2 ##AHCFM2-450Z 4501.0 ##AHCFM2-450AL 4501.0 ##AHCFM2-450BL 4501.0 ##AHCFM2-450CL 4501.0 ##AHCFM2-450DL 4501.0 ##AHCFM2-450EL 4501.0 CFM3 ##ACFM3-450AL ##ACFM2-450BL ##ACFM2-450CL 4501.0 4501.0 4501.0 Bandwidth at 6dB (kHz) 4.01.0 4.0 min. 6.0 min. 8.0 min. 10.0 min. 12.0 min. 4.0 min. 5.5 min. 8.0 min. Selectivity at Fo9kHz (dB) 24.0 min. 18.0 min. 16.0 min. 12.0 min. 9.0 min. 6.0 min. 28.0 min. 24.0 min. 20.0 min. Ripple in Pass Band (dB) 1.0 max. 1.0 max. 1.0 max. 2.0 max. 2.0 max. 2.0 max. 2.0 max. 2.0 max. 2.0 max. Insertion Loss (dB) 7.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. 6.0 max. Input/Output Impedance (k) 1.0/1.5 1.0/1.5 1.5/2.0 2.0/2.0 2.0/2.0 2.5/2.5 3.0/3.0 3.0/3.0 3.0/3.0 * Center frequencies 450kHz, 455kHz, 459kHz, 460kHz, 468kHz available. Center frequency tolerance available to 0.5kHz. The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc. TOKO America, Inc. 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com August 2005 (c) 2005 TOKO America, Inc. All Rights Reserved Printed in USA CF-313-CFM2/3 R-LOG0805A 1 |
Price & Availability of CFM2 |